PART |
Description |
Maker |
74LVT16244 74LVT16244MTDX 74LVTH16244MEA 74LVTH162 |
4K, 512 X 8, 2.5V SER EE, -40C to 85C, 8-MSOP, TUBE Low Voltage16-Bit Buffer/Line Driver Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor
|
74LCXZ162244 74LCXZ162244MEA 74LCXZ162244MEX 74LCX |
Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26з Series Resistors in the Outputs LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26 Series Resistors in the Outputs Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26-Ohm Series Resistors in the Outputs Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp.
|
74VCXH162240 74VCXH162240MTD 74VCXH162240MTX |
Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26ヘ Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26Ω Series Resistors in Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MTD48 74LCX162244 74LCX162244GX 74LCX162244MEA 74L |
Low Voltage 16-Bit Buffer/Line Driver with 26 Ohm Series Resistors in Outputs LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCXH16244MEA 74LCXH16244 74LCXH16244MTD |
Low Voltage 16-Bit Buffer/Line Driver with Bushold
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCXH16244_05 74LCXH16244 74LCXH16244G 74LCXH1624 |
Low Voltage 16-Bit Buffer/Line Driver with Bushold
|
FAIRCHILD[Fairchild Semiconductor]
|
74ALVC162827 74ALVC162827T 74ALVC162827TX |
Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in the Outputs Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in the Outputs Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in the Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVTH32244 74LVT32244 74LVTH32244GX 74LVT32244GX |
Low Voltage 32-Bit Buffer/Line Driver with 3-STATE Outputs (Preliminary)
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCXH16244 74LCXH16244GX 74LCXH16244MTDX 74LCXH16 |
From old datasheet system Low Voltage 16-Bit Buffer/Line Driver with Bushold
|
Fairchild Semiconductor
|
74VCX16244 74VCX16244MTD |
Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|
74LCXZ16244 |
Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor Corporation
|